Part Number Hot Search : 
1117M3 F1000 KA2822BD 0MC11 N4148 1121AI SMBJ130A 2SC28
Product Description
Full Text Search
 

To Download BUT9203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUT92
FAST-SWITCHING POWER TRANSISTOR
s
s s s s s s
STMicroelectronics PREFERRED SALESTYPE NPN TRANSISTOR hFE > 10 AT IC =35A HIGH EFFICIENCY SWITCHING VERY LOW SATURATION VOLTAGE RECTANGULAR SAFE OPERATING AREA WIDE ACCIDENTAL OVERLOAD AREA
1 2
TO-3 (version "S")
APPLICATIONS UNINTERRUPTABLE POWER SUPPLY s SWITCH MODE POWER SUPPLIES s MOTOR CONTROL
s
DESCRIPTION The BUT92 is a Multiepitaxial Planar NPN Transistor in TO-3 package. It is intended for use in high frequency and efficency converters, switching regulators and motor control.
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CEV V CEO V EBO IE I EM IB I BM P tot T stg Tj Parameter Collector-Emitter Voltage (V BE = -1.5 V) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Emitter Current Emitter Peak Current Base Current Base Peak Current Storage Temperature Junction Temperature (t p = 10 ms)
o
Value 350 250 7 50 75 10 15 250 -65 to 200 200
Unit V V V A A A A W
o o
(t p = 10 ms)
Total Power Dissipation at T case 25 C
C C
February 2003
1/4
BUT92
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 0.7
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CER I CEV I EBO Parameter Collector Cut-off Current (R BE = 10 ) Collector Cut-off Current (V BE = -1.5V) Emitter Cut-off Current (I C = 0) Test Conditions V CE = V CEV V CE = V CEV V CE = V CEV V CE = V CEV V EB = 7 V I C = 0.2 A L = 25 mH 250 T c = 100 o C T c = 100 o C Min. Typ. Max. 0.4 4 0.2 2 1 Unit mA mA mA mA mA V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V EB0 V CE(sat) V BE(sat) di C /dt VCE(3s) VCE(5s) Emitter-Base Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Rated of Rise on-state Collector Current Collector-Emitter Dynamic Voltage Collector-Emitter Dynamic Voltage
I E = 50 mA I C = 35 A I C = 35 A I C = 35 A I C = 35 A IB = 3.5 A IB = 3.5 A IB = 3.5 A IB = 3.5 A
7 0.8 1.25 1.2 1.2 125 200 3 1.8 6 3 1.2 1.9 1.5 1.5
V V V V V A/s V V
T c = 100 o C T c = 100 o C
V CC = 200V I B1 = 5.25 A R C = 0 T c = 100 o C t p = 3s V CC = 200V R C = 5.7 V CC = 200V R C = 5.7 I B1 = 5.25 A T c = 100 o C I B1 = 5.25 A T c = 100 o C
INDUCTIVE LOAD
Symbol ts tf tc V CEW Parameter Storage Time Fall Time Crossover Time Maximum Collector Emitter Voltage without Snubber Test Conditions V CC = 200 V I C = 35 A V BB = -5 V R B2 = 0.7 V CC = 50 V V BB = -5 V L C = 48 H T c = 125 o C V Clamp = 250 V I B1 = 3.5 A L C = 0.28 mH T c = 100 o C I CWoff = 52 A I B1 = 3.5 A R B2 = 0.7 250 Min. Typ. 1.4 0.15 0.3 Max. 3 0.4 0.7 Unit s s s V
* Pulsed : Pulse duration = 300 s, duty cycle = 2%
2/4
BUT92
TO-3 (version S) MECHANICAL DATA
mm MIN. A B C D E G N P R U V 11.00 1.47 1.50 8.32 19.00 10.70 16.50 25.00 4.00 38.50 30.00 TYP. MAX. 13.10 1.60 1.65 8.92 20.00 11.10 17.20 26.00 4.09 39.30 30.30 MIN. 0.433 0.058 0.059 0.327 0.748 0.421 0.649 0.984 0.157 1.515 1.187 inch TYP. MAX. 0.516 0.063 0.065 0.351 0.787 0.437 0.677 1.023 0.161 1.547 1.193
DIM.
P G
A
D C
U
V
O
N
R
B
P003O
3/4
E
BUT92
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of BUT9203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X